Part Number Hot Search : 
BR350 N8264N HTE15 62L10PF AS6C2008 13156 RT9134PC 50502
Product Description
Full Text Search
 

To Download 2SD965 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN
SILICON
TRANSISTOR OO|uIaA 2SD965
ECI* cxOAE/1/4 IE3/4
HD965
3/4AE1/4o1/2e
3/4AEc 3/4AEuAe 3/4AEnE U3/4c Ic c1/41/2EoAA Aae1/2Eo *axIE1/2 TO-92 4 Oc 100mm(c)
3/4AEI1/4
C089AJ-00-XXX 240A 890A B 1/4 20m 890m 2 230x230m E 1/4 170x170m
1/4IO
Ouae T stg Tj1/2aIA PC 1/4 V CB O V CEO V EBO IC 1/4c1/4cA/- - - - - - - 1/4 * c 1/4AE|AE 1/4
Ta=25ae(c)
IAE--------55~150ae 1 5 0 ae - c 1/4 u c 1/4 * E a Ea1/4 u1/4 1/4 c N - 1/4cNc N - ---- - - - - - --0.75W 40V 20V 7V 5A
-----------------
IEy*uA
cIEy
ICBO IEBO VCEO
Ta=25ae(c)
*u 1/4cu1/2OOA/ *Ea1/4u1/2OOcA/ 1/4c *Ea1/4 OA/cOoOae OA/cOoOae 1/4c*EaIN IOO/AEAE u1/4EaocEY 150 50 -*Ea1/4cN -u1/4cN 20 7 180 150 1 V MHz pF 800 A E A/ xiO aIO xioO 100 100 I nA nA V V a EO Io 1/4
VCB=10V, IE=0 VEB=7V, IC=1mA IE=10|I IC=0 IB=0 A IC=0
VEBO hFE1 hFE2 VCE
sat(c)
VCE=2V, IC=0.5A VCE=2V, IC=2A IC=3A, IB=0.1A VCB=6V, IE=50mA VCB=20V,IE=0, f=1MHz
fT Cob


▲Up To Search▲   

 
Price & Availability of 2SD965

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X